Part Number Hot Search : 
YMF781 TG35D40 01210 GSIB2510 D116212B 30200CT F4002 2SC4728
Product Description
Full Text Search
 

To Download TIP31C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
TIP31 Series(TIP31/31A/31B/31C)
TIP31 Series(TIP31/31A/31B/31C)
Medium Power Linear Switching Applications
* Complementary to TIP32/32A/32B/32C
1
TO-220 2.Collector 3.Emitter
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO Collector-Base Voltage Parameter : TIP31 : TIP31A : TIP31B : TIP31C
1.Base
Value 40 60 80 100 40 60 80 100 5 3
Units V V V V V V V V V A A A W W C C
VCEO
Collector-Emitter Voltage : TIP31 : TIP31A : TIP31B : TIP31C Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Collector Dissipation (TC=25C) Collector Dissipation (Ta=25C) Junction Temperature Storage Temperature
VEBO IC ICP IB PC PC TJ TSTG
ee DataSh
.com
5 1 40 2 150 - 65 ~ 150
Electrical Characteristics TC=25C unless otherwise noted
Symbol VCEO(sus) Parameter * Collector-Emitter Sustaining Voltage : TIP31 : TIP31A : TIP31B : TIP31C Collector Cut-off Current : TIP31/31A : TIP31B/31C Collector Cut-off Current : TIP31 : TIP31A : TIP31B : TIP31C IEBO hFE VCE(sat) VBE(sat) fT Emitter Cut-off Current * DC Current Gain * Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage Current Gain Bandwidth Product VCE = 40V, VEB = 0 VCE = 60V, VEB = 0 VCE = 80V, VEB = 0 VCE = 100V, VEB = 0 VEB = 5V, IC = 0 VCE = 4V, IC = 1A VCE = 4V, IC = 3A IC = 3A, IB = 375mA VCE = 4V, IC = 3A VCE = 10V, IC = 500mA 3.0 25 10 200 200 200 200 1 50 1.2 1.8 V V MHz A A A A mA Test Condition IC = 30mA, IB = 0 Min. 40 60 80 100 0.3 0.3 Max. Units V V V V mA mA
ICEO
VCE = 30V, IB = 0 VCE = 60V, IB = 0
ICES
* Pulse Test: PW300s, Duty Cycle2%
(c)2000 .com Fairchild Semiconductor International
Rev. A, February 2000
.com DataSheet 4 U .com
www..com
TIP31 Series(TIP31/31A/31B/31C)
Typical Characteristics
VBE(sat), VCE(sat)[mV], SATURATION VOLTAGE
1000
10000
VCE = 4V
IC /IB = 10
hFE, DC CURRENT GAIN
100
1000
V BE(sat)
10
100
V CE(sat)
1 1 10 100 1000 10000
10 1 10 100 1000 10000
IC[mA], COLLECTOR CURRENT
IC[mA], COLLECTOR CURRENT
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
10
50
IC(MAX) (PULSE) IC(MAX) (DC)
45
PC[W], POWER DISSIPATION
t4U.com
IC[A], COLLECTOR CURRENT
100s
40 35 30
ee DataSh
s 5m
s 1m
1
.com 25
20 15 10 5 0 10 100 0 25 50
o
TIP31 VCEO MAX. TIP31A VCEO MAX. TIP31B VCEO MAX. TIP31C V CEO MAX.
0.1
75
100
125
150
175
200
VCE[V], COLLECTOR-EMITTER VOLTAGE
TC[ C], CASE TEMPERATURE
Figure 3. Safe Operating Area
Figure 4. Power Derating
(c)2000 .com Fairchild Semiconductor International
Rev. A, February 2000
.com DataSheet 4 U .com
www..com
TIP31 Series(TIP31/31A/31B/31C)
Package Demensions
TO-220
9.90 0.20
1.30 0.10 2.80 0.10
4.50 0.20
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
t4U.com
13.08 0.20 (1.00)
(3.00)
15.90 0.20
18.95MAX.
(3.70)
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
.com
(45 )
ee DataSh
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
(c)2000 .com Fairchild Semiconductor International Rev. A, February 2000
.com DataSheet 4 U .com
www..com
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM
DISCLAIMER
HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench(R) QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
t4U.com
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein:
.com
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2000 .com Fairchild Semiconductor International
Rev. E
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of TIP31C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X